| 전자부품 데이터시트 검색엔진 |
|
M38260E6FS 데이터시트(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38260E6FS 데이터시트(HTML) 17 Page - Renesas Technology Corp |
|
17 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 17 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Pin Name I/O Format Non-Port Function Related SFRS Diagram No. Input/Output Notes 1: How to use double-function ports as function I/O pins, refer to the applicable sections. 2: Make sure that the input level at each pin is either 0 V or VCC before execution of the STP instruction. When an electric potential is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate and power source current may increase. Table 7 List of I/O port function (2) P60/SIN2/AN0 P61/SOUT2/ AN1 P62/SCLK21/ AN2 P63/SCLK22 / AN3 P64/AN4– P67/AN7 P70/INT0 P71–P77 COM0–COM3 SEG0–SEG17 Port P6 Port P7 Common Segment Input/ output, individual bits Input Input/ output, individual bits Output Output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS compatible input level N-channel open-drain output LCD common output LCD segment output A/D converter input Serial I/O2 I/O A/D converter input INT0 interrupt input PULL register B AD control register Serial I/O2 control register AD control register PULL register B Interrupt edge selection register (17) (18) (19) (20) (16) (23) (13) (21) (22) LCD mode register |