| 전자부품 데이터시트 검색엔진 |
|
STTA106 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTA106 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() APPLICATION DATA (Cont’d) I I F Rd I R V R Vto V F V Fig. B : STATIC CHARACTERISTICS Conduction losses : P1 = Vto x IF(AV) + Rd x IF2(RMS) Reverse losses : P2 = VR x IR x (1 - δ) Turn-on losses : (in the transistor, due to the diode) P5 = VR × IRM 2 × (3+2 × S) × F 6 x dIF ⁄ dt + VR × IRM × IL × (S + 2) × F 2 × dIF ⁄ dt Turn-off losses (in the diode) : P3 = VR × IRM 2 × S × F 6 x dIF ⁄ dt P3 and P5 are suitable for power MOSFET and IGBT Fig. C : TURN-OFF CHARACTERISTICS dI F /dt = VR /L dI /dt R tb ta I RM V R I V t S= tb/ta trr = ta + tb RECTIFIER OPERATION V I IL t TRANSISTOR dI /dt F dI /dt R tb ta I RM VR DIODE I V t trr = ta + tb S = tb / ta STTA106/U 6/8 |