| 전자부품 데이터시트 검색엔진 |
|
M38266ECFS 데이터시트(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38266ECFS 데이터시트(HTML) 56 Page - Renesas Technology Corp |
|
56 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 56 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 62 State transitions of system clock Notes 1: Switch the mode according to the arrows shown between the mode blocks. (Do not switch between the mode directly without an arrow.) 2: The all modes can be switched to the stop mode or the wait mode and returned to the source mode when the stop mode or the wait mode is ended. 3: When the stop mode is ended, a delay time can be set by timer 1 and timer 2. 4: Timer and LCD operate in the wait mode. 5: Wait until oscillation stabilizes after oscillating the main clock before the switching from the low-speed mode to middle-/high-speed mode. 6: The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin. φ indicates the system clock. CM4 : Xc switch bit 0: Oscillation stop 1: XCIN, XCOUT CM5 : Main clock (XIN–XOUT) stop bit 0: Oscillating 1: Stopped CM6 : Main clock division ratio selection bit 0: f(XIN)/2 (high-speed mode) 1: f(XIN)/8 (middle-speed mode) CM7 : System clock selection bit 0: XIN–XOUT selected (middle-/high-speed mode) 1: XCIN–XCOUT selected (low-speed mode) CPU mode register (CPUM : address 003B16) b7 b4 Reset CM6 “0” “1” CM6 “0” “1” “0 ” C M 5 C M 6 “0 ” “1 ” “0 ” “1 ” C M 5 C M 6 “1 ” “1 ” “0 ” CM6 “0” “1” CM7 = 0 (8 MHz selected) CM6 = 1 (Middle-speed) CM5 = 0 (8 MHz oscillating) CM4 = 0 (32 kHz stopped) Middle-speed mode (f(φ) = 1 MHz) CM6 “0” “1” CM7 = 0 (8 MHz selected) CM6 = 0 (High-speed) CM5 = 0 (8 MHz oscillating) CM4 = 0 (32 kHz stopped) High-speed mode (f(φ) = 4 MHz) CM7 = 0 (8 MHz selected) CM6 = 1 (Middle-speed) CM5 = 0 (8 MHz oscillating) CM4 = 1 (32 kHz oscillating) Middle-speed mode (f(φ) = 1 MHz) CM7 = 0 (8 MHz selected) CM6 = 0 (High-speed) CM5 = 0 (8 MHz oscillating) CM4 = 1 (32 kHz oscillating) High-speed mode (f(φ) = 4 MHz) C M 4 C M 6 “0 ” “1 ” “0 ” “1 ” C M 4 C M 6 “1 ” “1 ” “0 ” “0 ” CM7 = 1 (32 kHz selected) CM6 = 1 (Middle-speed) CM5 = 0 (8 MHz oscillating) CM4 = 1 (32 kHz oscillating) Low-speed mode (f(φ) = 16 kHz) CM7 = 1 (32 kHz selected) CM6 = 0 (High-speed) CM5 = 0 (8 MHz oscillating) CM4 = 1 (32 kHz oscillating) Low-speed mode (f(φ) = 16 kHz) CM7 = 1 (32 kHz selected) CM6 = 1 (Middle-speed) CM5 = 1 (8 MHz stopped) CM4 = 1 (32 kHz oscillating) Low-speed mode (f(φ) = 16 kHz) CM7 = 1 (32 kHz selected) CM6 = 0 (High-speed) CM5 = 1 (8 MHz stopped) CM4 = 1 (32 kHz oscillating) Low-speed mode (f(φ) = 16 kHz) |