| 전자부품 데이터시트 검색엔진 |
|
M66281FP 데이터시트(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66281FP 데이터시트(HTML) 13 Page - Renesas Technology Corp |
|
13 / 16 page ![]() M66281FP REJ03F0254-0200 Rev.2.00 Sep 14, 2007 Page 13 of 15 Reading Shortest n-cycle Write Data "n" (Reading side n − 2 cycle ends after the end of writing side n + 1 cycle) When the reading side n − 2 cycle ends before the end of the writing side n + 1 cycle, output Qn of n cycle is made invalid. In the following diagram, end of reading side n − 2 cycle and end of writing side n + 1 cycle overlap each other. This example can read n cycle data in the shortest time. When this is the case, reading operation at n − 1 cycle is invalid. (n) (n + 2) (n + 3) n cycle n + 1 cycle n − 2 cycle n − 1 cycle n cycle (n) Invalid n + 2 cycle n + 3 cycle WCK Dn RCK Q0n (Q1n) (n +1) Reading Longest n-cycle Write Data "n": 1 Line Delay (When writing side n-cycle <2> starts, reading side n cycle <1> then starts) Output Qn of n cycle <1>* can be read until the start of reading side n cycle <1> and the start of writing side n cycle <2>* overlap each other. n cycle <1>* (n) <0>* (n) <1>* (0) <1>* (n − 1) <0>* (n − 1) <1>* WCK Dn Q0n (Q1n) RCK n cycle <0>* 0 cycle <2>* 0 cycle <1>* n cycle <2>* n cycle <1>* (n) <1>* (n) <2>* (0) <2>* (n − 1) <1>* (n − 1) <2>* Note: <0>*, <1>* and <2>* indicate value of lines. |