| 전자부품 데이터시트 검색엔진 |
|
M38049F5HKP 데이터시트(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38049F5HKP 데이터시트(HTML) 5 Page - Renesas Technology Corp |
|
5 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 5 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) PART NUMBERING Fig. 4 Part numbering M3804 9 F F H SP Product name Package type SP : 64P4B FP : 64P6N-A HP : 64P6Q-A KP : 64P6U-A ROM/PROM size 1 2 3 4 5 6 7 8 : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes Memory type F : Flash memory version RAM size 0 1 2 3 4 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : standard H : Minner spec. change product : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes : 53248 bytes : 57344 bytes : 61440 bytes 9 A B C D E F 5 6 7 8 9 : 768 bytes : 896 bytes : 1024 bytes : 1536 bytes : 2048 bytes |