| 전자부품 데이터시트 검색엔진 |
|
HD404449 데이터시트(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404449 데이터시트(HTML) 21 Page - Renesas Technology Corp |
|
21 / 125 page ![]() HD404449 Series 19 IE IF0 IM0 IF1 IM1 IFTA IMTA IFTB IMTB IFTC IMTC IFTD IMTD $ 000,0 $ 000,2 $ 000,3 $ 001,0 $ 001,1 $ 001,2 $ 001,3 $ 002,0 $ 002,1 $ 002,2 $ 002,3 $ 003,0 $ 003,1 Sequence control • Push PC/CA/ST • Reset IE • Jump to vector address Priority control logic Vector address Note: $m,n is RAM address $m, bit number n. $ 003,2 $ 003,3 INT0 interrupt INT1 interrupt Timer A interrupt Timer B interrupt Timer C interrupt Timer D interrupt Serial 1 interrupt IF2 IM2 IF3 IM3 IF A/D IM A/D $ 022,0 $ 022,1 $ 022,2 $ 022,3 $ 023,0 $ 023,1 IFS2 IMS2 $ 023,2 $ 023,3 INT2 interrupt INT3 interrupt A/D interrupt Serial 2 interrupt IFS1 IMS1 Figure 9 Interrupt Control Circuit |