| 전자부품 데이터시트 검색엔진 |
|
HD404339FS 데이터시트(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404339FS 데이터시트(HTML) 41 Page - Renesas Technology Corp |
|
41 / 80 page ![]() HD404339 Series 39 Bit Initial value Read/Write Bit name 3 0 W TMA3 2 0 W TMA2 0 0 W TMA0 1 0 W TMA1 Timer mode register A (TMA: $008) 0 0 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 PSS PSS PSS PSS PSS PSS PSS PSS PSW PSW PSW PSW PSW Operating Mode Timer A mode TMA3 TMA1 TMA2 TMA0 Source Prescaler 2048 tcyc 1024tcyc 512tcyc 128tcyc 32 tcyc 8 tcyc 4 tcyc 2 tcyc Input Clock Frequency 0 1 1 32t 16t 8t 2t 1/2t Time-base mode 0 0 1 1 0 1 1 Not used PSW and TCA reset X Notes: Wcyc Wcyc Wcyc Wcyc Wcyc X = Don’t care. 1. 2. 3. t = 244.14 µs (when a 32.768-kHz crystal oscillator is used) Timer counter overflow output period (seconds) = input clock period (seconds) 256. The division ratio must not be modified during time-base mode operation, otherwise an overflow cycle error will occur. Wcyc × Figure 28 Timer Mode Register A (TMA) |