| 전자부품 데이터시트 검색엔진 |
|
HD404618FS 데이터시트(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618FS 데이터시트(HTML) 9 Page - Renesas Technology Corp |
|
9 / 91 page ![]() HD404618 Series 7 Block Diagram System control circuit RAM (1,184 4 bits) × W (2 bits) X (4 bits) SPX (4 bits) Y (4 bits) SPY (4 bits) CA (1 bit) ST (1 bit) A (4 bits) B (4 bits) SP (10 bits) Instruction decoder PC (14 bits) ROM (2,048 × 10 bits) (4,096 × 10 bits) (6,144 × 10 bits) (8,192 × 10 bits) ALU CPU INT0 INT1 Timer B Timer C TIMO D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D12 D11 D13 R00 R01 R02 R03 R10 R11 R12 R13 R20 R21 R22 R23 R30 R31 R32 R33 Timer A External interrupt control circuit High current pins LCD controller/ driver circuit V 1 V 2 V 3 COM1 COM2 COM3 COM4 SEG1 SEG2 SEG3 SEG31 SEG32 DTMF generation circuit VTref TONER TONEC VCref COMP0 COMP1 Compa- rator Serial interface SI SO SCK : Data bus : Signal lines |