| 전자부품 데이터시트 검색엔진 |
|
HD404628RH 데이터시트(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404628RH 데이터시트(HTML) 73 Page - Renesas Technology Corp |
|
73 / 157 page ![]() HD404629R Series 71 Bit Initial value Read/Write Bit name 3 — — Not used 2 0 R/W TMC22 0 0 R/W TMC20 1 0 R/W TMC21 Timer mode register C2 (TMC2: $014) TMC22 0 TMC21 R11/TOC mode selection R11 TOC TOC TOC — TOC R11 port Toggle output 0 output 1 output Not used PWM output TMC20 0 1 0 1 0 1 0 1 0 1 10 1 Figure 56 Timer Mode Register C2 (TMC2) Bit Initial value Read/Write Bit name 3 0 W TWCL3 2 0 W TWCL2 0 0 W TWCL0 1 0 W TWCL1 Timer write register C (lower digit) (TWCL: $00E) Figure 57 Timer Write Register C Lower Digit (TWCL) Bit Initial value Read/Write Bit name 3 Undefined W TWCU3 2 Undefined W TWCU2 0 Undefined W TWCU0 1 Undefined W TWCU1 Timer write register C (upper digit) (TWCU: $00F) Figure 58 Timer Write Register C Upper Digit (TWCU) |