전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD404328FS 데이터시트(PDF) 79 Page - Renesas Technology Corp

부품명 HD404328FS
상세설명  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404328FS 데이터시트(HTML) 79 Page - Renesas Technology Corp

Back Button HD404328FS Datasheet HTML 75Page - Renesas Technology Corp HD404328FS Datasheet HTML 76Page - Renesas Technology Corp HD404328FS Datasheet HTML 77Page - Renesas Technology Corp HD404328FS Datasheet HTML 78Page - Renesas Technology Corp HD404328FS Datasheet HTML 79Page - Renesas Technology Corp HD404328FS Datasheet HTML 80Page - Renesas Technology Corp HD404328FS Datasheet HTML 81Page - Renesas Technology Corp HD404328FS Datasheet HTML 82Page - Renesas Technology Corp HD404328FS Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
HD404054 Series/HD404094 Series
77
Compare Enable Register (CER: $018): Three-bit write-only register which enables comparator
operation, and selects the reference voltage and the analog input pin (figure 61).
Bit
Initial value
Read/Write
Bit name
3
0
W
CER3
2
—
—
Not used
0
0
W
CER0
1
0
W
CER1
Compare enable register (CER: $018)
CER3
0
Digital/Analog selection
Digital input mode:
RD /COMP0, RD /COMP1
operate as R port
01
1
Analog input mode:
RD /COMP0, RD /COMP1
operate as analog input
CER1
0
1
Analog input pin selection
COMP0
COMP1
Not used
Not used
CER0
0
1
0
1
01
Figure 61 Compare Enable Register
Compare Data Register (CDR: $017): Two-bit read-only register which latches the result of the
comparison between the analog input pins and the reference voltage. Bits 0 and 1 corresponds the results
of comparison with COMP
0 and COMP1, respectively.
This register can be read only by the TM or TMD
command. Only bit CER3 corresponds to the analog input pin which the input pin selection is made
through pins CER0 and CER1. After a compare operation, the data in this register is not retained (figure
62).
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
R
CDR0
1
R
CDR1
Compare data register (CDR: $017)
Undefined Undefined
Result of COMP0 comparison
Result of COMP1 comparison
Figure 62 Compare Data Register
Note on Use: During the compare operation pins RD
0/COMP0 and RD1/COMP1 operate as analog inputs
and cannot operate as R ports.
The comparator can operate in active mode but is disabled in other modes.
RE
0/VCref cannot operate as an R port when the external input voltage is selected as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com