| 전자부품 데이터시트 검색엔진 |
|
HD404848FS 데이터시트(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404848FS 데이터시트(HTML) 30 Page - Renesas Technology Corp |
|
30 / 127 page ![]() HD404849 Series 28 Operating Modes The MCU has five operating modes as shown in table 19. The operations in each mode are listed in tables 20 and 21. Transitions between operating modes are shown in figure 14. Table 19 Operating Modes and Clock Status Mode Name Active Standby Stop Watch Subactive* 2 Activation method Reset cancellation, interrupt request STOPC cancellation in stop mode, STOP/SBY instruction in subactive mode (when direct transfer is selected) SBY instruction STOP instruction when TMA3 = 0 STOP instruction when TMA3 = 1 INT 0 or timer A interrupt request from watch mode Status System oscillator OP OP Stopped Stopped Stopped Subsystem oscillator OP OP OP * 1 OP OP Cancellation method RESET input, STOP/SBY instruction RESET input, interrupt request RESET input, STOPC input in stop mode RESET input INT 0 or timer A interrupt request RESET input, STOP/SBY instruction Notes: OP implies in operation. 1. Operating or stopping the oscillator can be selected by setting bit 3 of the system clock select register (SSR: $029). 2. Subactive mode is an optional function; specify it on the function option list. |