전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HAF1002 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 HAF1002
상세설명  Silicon P Channel MOS FET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1002 데이터시트(HTML) 5 Page - Renesas Technology Corp

  HAF1002 Datasheet HTML 1Page - Renesas Technology Corp HAF1002 Datasheet HTML 2Page - Renesas Technology Corp HAF1002 Datasheet HTML 3Page - Renesas Technology Corp HAF1002 Datasheet HTML 4Page - Renesas Technology Corp HAF1002 Datasheet HTML 5Page - Renesas Technology Corp HAF1002 Datasheet HTML 6Page - Renesas Technology Corp HAF1002 Datasheet HTML 7Page - Renesas Technology Corp HAF1002 Datasheet HTML 8Page - Renesas Technology Corp HAF1002 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAF1002(L), HAF1002(S)
Rev.2.00 Sep 07, 2005 page 5 of 8
0.20
0.16
0.12
0.08
0.04
–40
0
40
80
120
160
0
20
50
10
2
1
5
VGS = –4 V
–10 V
ID = –10 A
–2, –5 A
–5 A
–2 A
–10 A
–0.1 –0.2 –0.5 –1 –2
–5 –10 –20 –50
0.5
Tc = –25
°C
25
°C
75
°C
VDS = –10 V
Pulse Test
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
–20
–16
–12
–8
–4
0
–0.4
0
–0.8
–1.2
–1.6
–2.0
VGS = –5 V
0 V
10000
1000
100
3000
300
0
–10
–20
–30
–40
–50
500
–0.1 –0.2 –0.5 –1 –2
–5 –10 –20
200
100
20
50
10
–50
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
5
–0.1 –0.2 –0.5 –1 –2
–5 –10 –20
2
1
0.5
–50
50
20
10
100
VGS = 0
f = 1 MHz
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain Current
ID (A)
Switching Characteristics
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
tf
tr
td(on)
td(off)
VGS = –5 V, VDD = –30 V
PW = 300
µs, duty ≤ 1 %



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com