전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74ALVC2G86 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 HD74ALVC2G86
상세설명  Dual 2-input Exclusive-OR Gates
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G86 데이터시트(HTML) 3 Page - Renesas Technology Corp

  HD74ALVC2G86 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74ALVC2G86
Rev.3.00, Dec.18.2003, page 3 of 9
Pin Arrangement
(Top view)
8VCC
1
71Y
62B
52A
1A
2
1B
3
2Y
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
−0.5 to 4.6
V
Input voltage range
*1
VI
−0.5 to 4.6
V
−0.5 to VCC+0.5
Output : H or L
Output voltage range
*1, 2
VO
−0.5 to 4.6
V
VCC : OFF
Input clamp current
IIK
−50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
−65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com