| 전자부품 데이터시트 검색엔진 |
|
4280 데이터시트(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4280 데이터시트(HTML) 29 Page - Renesas Technology Corp |
|
29 / 48 page ![]() Skip condition Detailed description 31 30 Instruction code Function Mnemonic Hexadecimal notation Parameter Type of instructions D8 D7 D6 D5 D4 D3 D2 D1 D0 MITSUBISHI MICROCOMPUTERS 4280 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS MITSUBISHI MICROCOMPUTERS 4280 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP). Clears (0) the contents of bit j (bit specified by the value j in the immediate field) of M(DP). Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field) of M(DP) is “0.” Skips the next instruction when the contents of register A is equal to the contents of M(DP). Skips the next instruction when the contents of register A is equal to the value n in the immediate field. Branch within a page : Branches to address a in the identical page. Branch out of a page : Branches to address a in page p. Branch within a page : Branches to address (a6 a5 a4 A3 A2 A1 A0) determined by replacing the low- order 4 bits of the address a in the identical page with register A. Branch out of a page : Branches to address (a6 a5 a4 A3 A2 A1 A0) determined by replacing the low- order 4 bits of the address a in page p with register A. – – – – – – – – – SB j RB j SZB j SEAM SEA n B a BL p, a BA a BLA p, a (Mj(DP)) ← 1 j = 0 to 3 (Mj(DP)) ← 0 j = 0 to 3 (Mj(DP)) = 0 ? j = 0 to 3 (A) = (M(DP)) ? (A) = n ? n = 0 to 15 (PCL) ← a6–a0 (PCH) ← p (PCL) ← a6–a0 (Note) (PCL) ← (a6–a4, A3–A0) (PCH) ← p (PCL) ← (a6–a4, A3–A0) (Note) – – (Mj(DP)) = 0 j = 0 to 3 (A) = (M(DP)) (A) = n n = 0 to 15 – – – – 0010 111j1 j0 0010 011j1 j0 0001 000j1 j0 0001 00110 0001 00101 0101 1n3 n2 n1 n0 11a6 a5 a4 a3 a2 a1 a0 0001 1p3 p2 p1 p0 11a6 a5 a4 a3 a2 a1 a0 0000 00001 11a6 a5 a4 a3 a2 a1 a0 0000 10000 11a6 a5 a4 p3 p2 p1 p0 05 C +j 04 C +j 02 j 02 6 02 5 0B n 18 a +a 03 p 18 a +a 00 1 18 a +a 01 0 18 p +a 1 1 1 1 2 1 2 2 2 1 1 1 1 2 1 2 2 2 Note : p is 0 to 7 for M34280E1, and p is 0 to 7 for M34280M1. MACHINE INSTRUCTIONS (CONTINUED) |