| 전자부품 데이터시트 검색엔진 |
|
4501 데이터시트(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4501 데이터시트(HTML) 82 Page - Renesas Technology Corp |
|
82 / 116 page ![]() Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 D9 D0 D9 D0 D9 D0 D9 D0 Rev.3.01 2005.02.07 page 82 of 112 REJ03B0104-0301 4501 Group TAV2 (Transfer data to Accumulator from register V2) 0001010101 055 11 – – Grouping: Interrupt operation Description: Transfers the contents of interrupt control register V2 to register A. Operation: (A) ← (V2) TAW1 (Transfer data to Accumulator from register W1) 1001001011 24B 11 – – Grouping: Timer operation Description: Transfers the contents of timer control reg- ister W1 to register A. Operation: (A) ← (W1) MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) TAW2 (Transfer data to Accumulator from register W2) 1001001100 24C 11 – – Grouping: Timer operation Description: Transfers the contents of timer control regis- ter W2 to register A. Operation: (A) ← (W2) TAW6 (Transfer data to Accumulator from register W6) 1001010000 250 11 – – Grouping: Timer operation Description: Transfers the contents of timer control regis- ter W6 to register A. Operation: (A) ← (W6) |