| 전자부품 데이터시트 검색엔진 |
|
7641 데이터시트(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7641 데이터시트(HTML) 63 Page - Renesas Technology Corp |
|
63 / 138 page ![]() 7641 Group Rev.4.00 Aug 28, 2006 page 63 of 135 REJ03B0191-0400 Status output signal. OBF0 signal is output. Status output signal. IBF0 signal is output. Chip select input. This is used for selecting the data bus buffer, which is selected at “L” level. Address input. This is used for selecting DBBSTS and DBBOUT when the host CPU reads. This is used for distinguishing command from data when the host CPU writes. This is a timing signal for reading data from the data bus buffer to the host CPU. This is a timing signal for writing data to the data bus buffer by the host CPU. Chip select input. This is used for selecting the data bus buffer, which is selected at “L” level. Status output signal. IBF1 signal is output. Status output signal. OBF1 signal is output. P52/OBF0 Table 8 Function description of control I/O pins of master CPU bus interface Pin Name OBF0 output enable bit IBF0 output enable bit OBF1 output enable bit Input/ Output Functions OBF0 1 0 00 IBF1 output enable bit Output P53/IBF0 P54/S0 P55/A0 P56/R (E) P57/W (R/W) P72/S1 P73/IBF1/HLDA P74/OBF1 IBF0 S0 A0 R (E) W (R/W) S1 IBF1 OBF1 0 — — — — — 0 0 1 — — — — — 0 0 0 — — — — — 0 1 0 — — — — — 1 0 Output Input Input Input Input Input Output Output |