| 전자부품 데이터시트 검색엔진 |
|
STU2071FN 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STU2071FN 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 18 page ![]() LINE FRAME STRUCTURE. The information flow across the subscriber line uses the frame structure here below. The length of one frame corresponds to 120 ternary symbols being transmitted within 1 ms. Figure 8: Burst Mode. 123 45 6789 10 11 12 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 T1 24 T1 T1 T1 T2 T2 T2 T2 T2 T2 T2 T2 T2 36 T2 T2 T2 T2 T2 T2 T2 T2 T2 T2 T2 T2 48 T2 T2 T2 T2 T2 T2 T3 T3 T3 T3 T3 T3 60 LT ⇒ NT T3 T3 T3 T3 T3 T3 T3 T3 T3 T3 T3 T3 72 T3 T3 T3 T3 T3 T3 T3 T3 T3 T4 T4 T4 84 T4 T4 T4 T4 T4 T4 T4 T4 T4 T4 T4 T4 96 T4 T4 T4 T4 T4 T4 T4 T4 T4 T4 T4 T4 108 T4 SW1 120 123 45 6789 19 11 12 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 T5 24 M2 T5 T5 T5 T6 T6 T6 T6 T6 T6 T6 T6 36 T6 T6 T6 T6 T6 T6 T6 T6 T6 T6 T6 T6 48 T6 SW2 60 NT ⇒ LT T6 T6 T6 T6 T6 T6 T7 T7 T7 T7 T7 T7 72 T7 T7 T7 T7 T7 T7 T7 T7 T7 T7 T7 T7 84 T7 T7 T7 T7 T7 T7 T7 T7 T7 T8 T8 T8 96 T8 T8 T8 T8 T8 T8 T8 T8 T8 T8 T8 T8 108 T8 T8 T8 T8 T8 T8 T8 T8 T8 T8 T8 T8 120 Agenda: T1. . . . . .T8 B + B + D - Data (ternary) M1, M2 Service Data (ternary) SW1, SW2 Synchronizing Word STU2071 9/18 |