전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV0118 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STV0118
상세설명  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 23Page - STMicroelectronics STV0118 Datasheet HTML 24Page - STMicroelectronics STV0118 Datasheet HTML 25Page - STMicroelectronics STV0118 Datasheet HTML 26Page - STMicroelectronics STV0118 Datasheet HTML 27Page - STMicroelectronics STV0118 Datasheet HTML 28Page - STMicroelectronics STV0118 Datasheet HTML 29Page - STMicroelectronics STV0118 Datasheet HTML 30Page - STMicroelectronics STV0118 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
VI - REGISTERS
VI.1 - Register Mapping
configuration0
R/W
00
std1
std0
sync2
sync1
sync0
polh
polv
freerun
configuration1
R/W
01
blkli
flt1
flt0
sync_ok
coki
setup
cc2
cc1
configuration2
R/W
02
nintrl
enrst
bursten
xxx
selrst
rstosc
valrst1
valrst0
configuration3
R/W
03
entrap
trap_pal
encgms
nosd
del2
del1
del0
xxx
configuration4
R/W
04
syncin
_ad1
syncin
_ad0
syncout
_ad1
syncout
_ad0
aline
txdl2
txdl1
txdl0
configuration5
R/W
05
rgb_nyc
bkcvbs1
reserved
reserved
bk_ys
bk_c
bk_cvbs
dacinv
configuration6
R/W
06
softreset
jump
dec_ninc free_jump
xxx
xxx
chgi2c
maxdyn
reserved
xxx
07
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
reserved
xxx
08
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
status
R
09
hok
atfr
b2_free
b1_free
fieldct2
fieldct1
fieldct0
jumping
increment_dfs
R/W
10
d23
d22
d21
d20
d19
d18
d17
d16
increment_dfs
R/W
11
d15
d14
d13
d12
d11
d10
d9
d8
increment_dfs
R/W
12
d7
d6
d5
d4
d3
d2
d1
d0
phase_dfs
R/W
13
-
-
-
-
-
-
o23
o22
phase_dfs
R/W
14
o21
o20
o19
o18
o17
o16
o15
o14
reserved
xxx
15
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
reserved
xxx
16
xxx
xxx
xxx
xxx
xxx
xxx
S
xxx
chipid
R
17
0
1
1
1
0
1
1
1
revid
R
18
0
0
0
0
0
0
0
1
reserved
R/W
19
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
reserved
R/W
20
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
line_reg
R/W
21
ltarg8
ltarg7
ltarg6
ltarg5
ltarg4
ltarg3
ltarg2
ltarg1
line_reg
R/W
22
ltarg0
lref8
lref7
lref6
lref5
lref4
lref3
lref2
line_reg
R/W
23
lref1
lref0
-
-
-
-
-
-
cgms_bit_1-4
R/W
31
-
-
-
-
bit1
bit2
bit3
bit4
cgms_bit_5-12
R/W
32
bit5
bit6
bit7
bit8
bit9
bit10
bit11
bit12
cgms_bit_13-20
R/W
33
bit13
bit14
bit15
bit16
bit17
bit18
bit19
bit20
ttx_block_1_def.
R/W
34
ttxbs1.3
ttxbs1.2
ttxbs1.1
ttxbs1.0
ttxbe1.3
ttxbe1.2
ttxbe1.1
ttxbe1.0
ttx_block_2_def.
R/W
35
ttxbs2.3
ttxbs2.2
ttxbs2.1
ttxbs2.0
ttxbe2.3
ttxbe2.2
ttxbe2.1
ttxbe2.0
ttx_block_3_def.
R/W
36
ttxbs3.3
ttxbs3.2
ttxbs3.1
ttxbs3.0
ttxbe3.3
ttxbe3.2
ttxbe3.1
ttxbe3.0
ttx_block_4_def.
R/W
37
ttxbs4.3
ttxbs4.2
ttxbs4.1
ttxbs4.0
ttxbe4.3
ttxbe4.2
ttxbe4.1
ttxbe4.0
ttx_block_map
R/W
38
ttxbmf1.1 ttxbmf1.2 ttxbmf1.3 ttxbmf1.4 ttxbmf2.1 ttxbmf2.2 ttxbmf2.3 ttxbmf2.4
c.c.c.F1
R/W
39
opc11
c117
c116
c115
c114
c113
c112
c111
c.c.c.F1
R/W
40
opc12
c127
c126
c125
c124
c123
c122
c121
c.c.c.F2
R/W
41
opc21
c217
c216
c215
c214
c213
c212
c211
c.c.c.F2
R/W
42
opc22
c227
c226
c225
c224
c223
c222
c221
cclif1
R/W
43
xxx
xxx
xxx
l1_4
l1_3
l1_2
l1_1
l1_0
cclif2
R/W
44
xxx
xxx
xxx
l2_4
l2_3
l2_2
l2_1
l2_0
reserved
xxx
45
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
...
...
...
...
...
...
...
...
...
...
...
reserved
xxx
63
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
STV0118
27/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42