| 전자부품 데이터시트 검색엔진 |
|
HD74HC75 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HC75 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74HC75 Rev.2.00, Oct 06, 2005 page 2 of 7 Pin Arrangement 1 2 3 4 5 6 7 8 Q0a D0a D1a LEb VCC D0b D1b Q1b Q0a Q1a Q1a LEa GND Q0b Q0b Q1b 16 15 14 13 12 11 10 9 (Top view) Logic Diagram (1/4) Data Q Q Latch Enable Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage range VCC –0.5 to 7.0 V Input / Output voltage Vin, Vout –0.5 to VCC +0.5 V Input / Output diode current IIK, IOK ±20 mA Output current IO ±25 mA VCC, GND current ICC or IGND ±50 mA Power dissipation PT 500 mW Storage temperature Tstg –65 to +150 °C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. |