전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74HC75P 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 HD74HC75P
상세설명  Quad. Bistable Latches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC75P 데이터시트(HTML) 7 Page - Renesas Technology Corp

  HD74HC75P Datasheet HTML 1Page - Renesas Technology Corp HD74HC75P Datasheet HTML 2Page - Renesas Technology Corp HD74HC75P Datasheet HTML 3Page - Renesas Technology Corp HD74HC75P Datasheet HTML 4Page - Renesas Technology Corp HD74HC75P Datasheet HTML 5Page - Renesas Technology Corp HD74HC75P Datasheet HTML 6Page - Renesas Technology Corp HD74HC75P Datasheet HTML 7Page - Renesas Technology Corp HD74HC75P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74HC75
Rev.2.00, Oct 06, 2005 page 7 of 7
0.80
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
10.5
FP-16DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
10.06
0.24g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-SOP16-5.5x10.06-1.27
PRSP0016DH-B
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e



Html Pages

1 2 3 4 5 6 7 8