| 전자부품 데이터시트 검색엔진 |
|
HD74AC283AP 데이터시트(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74AC283AP 데이터시트(HTML) 6 Page - Renesas Technology Corp |
|
6 / 10 page ![]() HD74AC283/HD74ACT283 Rev.2.00, Jul.16.2004, page 6 of 9 Recommended Operating Conditions: HD74ACT283 Item Symbol Ratings Unit Condition Supply voltage V CC 2 to 6 V Input and output voltage V I, VO 0 to V CC V Operating temperature Ta –40 to +85 °C Input rise and fall time (except Schmitt inputs) V IN 0.8 to 2.0 V tr, tf 8 ns/V V CC = 4.5V V CC = 5.5V DC Characteristics: HD74ACT283 Ta = 25 °°°°C Ta = –40 to +85 °°°°C Item Sym- bol V CC (V) min. typ. max. min. max. Unit Condition 4.5 2.0 1.5 — 2.0 — V IH 5.5 2.0 1.5 — 2.0 — V OUT = 0.1 V or Vcc–0.1 V 4.5 — 1.5 0.8 — 0.8 Input voltage V IL 5.5 — 1.5 0.8 — 0.8 V V OUT = 0.1 V or Vcc–0.1 V 4.5 4.4 4.49 — 4.4 — 5.5 5.4 5.49 — 5.4 — V IN = VIL or VIH I OUT = –50 µA 4.5 3.94 — — 3.80 — I OH = –24 mA V OH 5.5 4.94 — — 4.80 — V IN = VIL I OH = –24 mA 4.5 — 0.001 0.1 — 0.1 5.5 — 0.001 0.1 — 0.1 V IN = VIL or VIH I OUT = 50 µA 4.5 — — 0.32 — 0.37 I OL = 24 mA Output voltage V OL 5.5 — — 0.32 — 0.37 V V IN = VIL I OL = 24 mA Input current I IN 5.5 — — ±0.1 — ±1.0 µAV IN = VCC or GND I CC/input current I CCT 5.5 — 0.6 — — 1.5 mA V IN = VCC–2.1 V I OLD 5.5 — — — 86 — mA V OLD = 1.1 V Dynamic output current* I OHD 5.5 — — — –75 — mA V OHD = 3.85 V Quiescent supply current I CC 5.5 — — 8.0 — 80 µAV IN = VCC or ground *Maximum test duration 2.0 ms, one output loaded at a time. |