| 전자부품 데이터시트 검색엔진 |
|
HD74HC240TELL 데이터시트(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HC240TELL 데이터시트(HTML) 3 Page - Renesas Technology Corp |
|
3 / 8 page ![]() HD74HC240 Rev.2.00 Jan 31, 2006 page 3 of 7 Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage range VCC –0.5 to 7.0 V Input / Output voltage VIN, VOUT –0.5 to VCC +0.5 V Input / Output diode current IIK, IOK ±20 mA Output current IO ±35 mA VCC, GND current ICC or IGND ±75 mA Power dissipation PT 500 mW Storage temperature Tstg –65 to +150 °C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. Recommended Operating Conditions Item Symbol Ratings Unit Conditions Supply voltage VCC 2 to 6 V Input / Output voltage VIN, VOUT 0 to VCC V Operating temperature Ta –40 to 85 °C 0 to 1000 VCC = 2.0 V 0 to 500 VCC = 4.5 V Input rise / fall time *1 tr, tf 0 to 400 ns VCC = 6.0 V Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics. Electrical Characteristics Ta = 25°C Ta = –40 to+85°C Item Symbol VCC (V) Min Typ Max Min Max Unit Test Conditions 2.0 1.5 — — 1.5 — 4.5 3.15 — — 3.15 — VIH 6.0 4.2 — — 4.2 — V 2.0 — — 0.5 — 0.5 4.5 — — 1.35 — 1.35 Input voltage VIL 6.0 — — 1.8 — 1.8 V 2.0 1.9 2.0 — 1.9 — 4.5 4.4 4.5 — 4.4 — 6.0 5.9 6.0 — 5.9 — IOH = –20 µA 4.5 4.18 — — 4.13 — IOH = –6 mA VOH 6.0 5.68 — — 5.63 — V Vin = VIH or VIL IOH = –7.8 mA 2.0 — 0.0 0.1 — 0.1 4.5 — 0.0 0.1 — 0.1 6.0 — 0.0 0.1 — 0.1 IOL = 20 µA 4.5 — — 0.26 — 0.33 IOL = 6 mA Output voltage VOL 6.0 — — 0.26 — 0.33 V Vin = VIH or VIL IOL = 7.8 mA Off-state output current IOZ 6.0 — — ±0.5 — ±5.0 µA Vin = VIH or VIL, Vout = VCC or GND Input current Iin 6.0 — — ±0.1 — ±1.0 µA Vin = VCC or GND Quiescent supply current ICC 6.0 — — 4.0 — 40 µA Vin = VCC or GND, Iout = 0 µA |