| 전자부품 데이터시트 검색엔진 |
|
STV5744A 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5744A 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() I OUT SP/IOUT LP Pins 1/ 11 7 Ω 50k Ω Figure 1 INTERNAL SCHEMATICS V2 SP/V2 LP Pins 3/9 V CC V CC Figure 2 H1 SP/H2 LP Pins 4/7 V CC 50k Ω 200k Ω Figure 4 H2 SP/H1 LP Pins 5/8 V CC 50k Ω 200k Ω Figure 5 ENVC V CC 12 V CC 20k Ω 2k Ω Figure 6 V1 SP/V1 LP Pins 2/10 2.7k Ω V CC V CC Figure 3 STV5744A 5/8 |