| 전자부품 데이터시트 검색엔진 |
|
HD74HC259P 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HC259P 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 10 page ![]() HD74HC259 Rev.2.00 Jan 31, 2006 page 2 of 9 Function Table Inputs Clear G Output of Addressed Latch Each Other Output Function H L D Qio Addressable latch H H Qio Qio Memory L L D L 8-line demultiplexer L H L L Clear Select Inputs C B A Latch Addressed L L L 0 L L H 1 L H L 2 L H H 3 H L L 4 H L H 5 H H L 6 H H H 7 Notes: 1. D: the level at the data input 2. Qio: the level of Qi (i = 0, 1, ···7, as appropriate) before the indicated steady-state input conditions were established. Pin Arrangement (Top view) 1 2 3 4 5 6 7 8 A B C Q0 Q1 Q2 Q3 GND VCC Clear Enable Q7 Q6 Q5 Q4 16 15 14 13 12 11 10 9 B C Q0 Q1 Q2 Q3 CLR G D Q7 Q6 Q5 A Q4 Data input Outputs Outputs Latch select |