전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS20VSJ-3 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 FS20VSJ-3
상세설명  High-Speed Switching Use Pch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS20VSJ-3 데이터시트(HTML) 4 Page - Renesas Technology Corp

  FS20VSJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FX20VSJ-3
Rev.1.00, Aug.20.2004, page 4 of 6
Transfer Characteristics (Typical)
Gate-Source Voltage VGS (V)
Forward Transfer Admittance vs.
Drain Current (Typical)
Drain Current ID (A)
Switching Characteristics (Typical)
Drain-Source Voltage VDS (V)
Capacitance vs.
Drain-Source Voltage (Typical)
Drain Current ID (A)
Gate-Source Voltage vs.
Gate Charge (Typical)
Gate Charge Qg (nC)
Source-Drain Diode Forward
Characteristics (Typical)
Source-Drain Voltage VSD (V)
–100
–101
–2 –3
–5 –7
–2 –3
–5 –7
–102
101
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
–100
–101
–2 –3
–5 –7
–2 –3
–5 –7
–102
100
101
2
3
5
7
102
2
3
5
7
–100
–101
–2
–3
–5 –7
–2 –3
–5 –7
102
2
3
5
7
103
2
3
5
7
101
td(off)
td(on)
tf
tr
0
–10
– 20
– 30
– 40
– 50
0
– 2
– 4
– 6
– 8
–10
0
– 2
– 4
– 6
– 8
–10
0
20406080
100
0
– 4
– 8
–12
–16
–20
0
– 0.4
– 0.8
–1.2
–1.6
–2.0
Tc = 25°C
VDS = –10V
Pulse Test
VDS = –10V
Pulse Test
Tc = 25°C
125°C
75°C
Tch = 25°C
f = 1MHz
VGS = 0V
Ciss
Coss
Crss
Tch = 25°C, VDD = – 80V
VGS = –10V, RGEN = RGS = 50
Ω
Tch = 25°C
ID = – 20A
VDS = – 50V
–100V
– 80V
Tc = 25°C
Pulse Test
Tc = 125°C
75°C
25°C



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com