| 전자부품 데이터시트 검색엔진 |
|
HA16129AFPJ 데이터시트(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HA16129AFPJ 데이터시트(HTML) 8 Page - Renesas Technology Corp |
|
8 / 23 page ![]() HA16129AFPJ Rev.1.00 Jun 15, 2005 page 8 of 22 Calculation Formulas (cont.) Item Formula Notes VSTBY VSTBY = 1.48 × 67.6 29.5 + 36.2 // R1 + 1 ( ( The voltage at which the STBY signal is output when Vout falls. The STBY detection voltage can be adjusted by connecting a resistor between the STBYadj pin and ground (R3). However, the STBY recovery voltage cannot be adjusted. STBY VSTBY VSTBY' Vout t STBYadj Vout STBY R1 VNMI (Vout detection) VNMI = 1.2 × 1 + R1, R2; k Ω R1 // 73 R2 // 25 ( ( The voltage at which the NMI signal is output when Vout falls. (When NMIsns is connected to Vout.) The NMI detection voltage can be adjusted by connecting resistors between the NMIadj pin and Vout (R1), and between the NMIadj pin and ground (R2). NMI VNMI VNMI' Vout t Vout R1 NMI NMIsns NMIadj R2 GND VNMI (VCC detection) VNMI = 4.62 × Recovery voltage R1 R2 // 97.1 ( ( + 1 VNMI = 4.68 × R1, R2; k Ω R1 R2 // 45.5 ( ( + 1 The voltage at which the NMI signal is output when VCC falls. (When NMIsns is connected to VCC.) The NMI detection voltage can be adjusted by connecting resistors between the NMIsns pin and VCC (R1), and between the NMIsns pin and ground (R2). NMI VNMI VNMI' VCC t Vout NMI NMIsns R2 GND R1 VCC CS OUTE CR × RR > 19.3 × Cf × Rf If the OUTE function is used, the relationship shown at the left must be fulfilled to assure that pulses are not incorrectly generated in this output when a microprocessor runaway state is detected. |