전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA17902ARP 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 HA17902ARP
상세설명  Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17902ARP 데이터시트(HTML) 2 Page - Renesas Technology Corp

  HA17902ARP Datasheet HTML 1Page - Renesas Technology Corp HA17902ARP Datasheet HTML 2Page - Renesas Technology Corp HA17902ARP Datasheet HTML 3Page - Renesas Technology Corp HA17902ARP Datasheet HTML 4Page - Renesas Technology Corp HA17902ARP Datasheet HTML 5Page - Renesas Technology Corp HA17902ARP Datasheet HTML 6Page - Renesas Technology Corp HA17902ARP Datasheet HTML 7Page - Renesas Technology Corp HA17902ARP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HA17902A Series
Rev.2.00 Mar 10, 2006 page 2 of 7
Pin Arrangement
Vout1
Vin(
−)1
Vin(+)1
VCC
Vin(+)2
Vin(
−)2
Vout2
Vout4
Vin(
−)4
Vin(+)4
VEE
Vin(+)3
Vin(
−)3
Vout3
−
1
+
2
(Top view)
1
3
2
3
4
5
6
7
14
13
12
11
10
9
8
+
4
−
− +
+
−
Circuit Schematic (1/4)
Q1
Q4
Q2
Q3
Q5
Q6
Q7
Q13
Q12
Q11
Q10
Q8
Q9
Vout
R1
Vin(+)
Vin(
−)
C
Note:
If Input/Output terminals voltage over the absolute maximum ratings, there is possibility of mis-operation,
characteristics deterioration and destruction, because of the current’s flowing to parasitic diode in IC.
The Input/Output terminals are recommended to be protected with the clamp circuit which using the diode with
low forward voltage (like schottky barrier diode) when there is a possibility for the Input/Output terminals
voltage exceeds the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8