| 전자부품 데이터시트 검색엔진 |
|
M35080FP 데이터시트(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35080FP 데이터시트(HTML) 16 Page - Renesas Technology Corp |
|
16 / 28 page ![]() MITSUBISHI MICROCOMPUTERS M35080FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 15 Address 000516 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 2 3 4 5 6 7 8 9 A B C D E F Register DA Function Contents Remarks Status Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. Set "0" to this bit. Can not be used. – – – – – – – – – – – – – – – – |