| 전자부품 데이터시트 검색엔진 |
|
M37210M3 데이터시트(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37210M3 데이터시트(HTML) 13 Page - Renesas Technology Corp |
|
13 / 60 page ![]() MITSUBISHI MICROCOMPUTERS M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP M37210E4-XXXSP/FP, M37210E4SP/FP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER 12 Fig. 7 Timer block diagram Notes 1 : “H” pulse width of external clock inputs TIM2 and TIM3 needs 4 machine cycles or more. 2 : When the external clock source is selected, timers 2 and 3 are counted at a rising edge of input signal. 3 : In the stop mode or the wait mode, external clock inputs TIM2 and TIM3 cannot be used. 8 8 8 Data bus XIN 1/2 1/8 Timer 1 latch (8) Timer 1 (8) Timer 2 latch (8) Timer 2 (8) 8 8 8 D.F. D.F. 8 8 Timer 3 latch (8) Timer 3 (8) T12M0 T12M2 T12M4 T12M1 T12M3 T34M0 T34M2 T34M1 Timer 4 latch (8) Timer 4 (8) 8 P32/TIM2 P33/TIM3 Timer 1 interrupt request T34M4 T34M3 0716 8 8 8 Timer 2 interrupt request Timer 3 interrupt request Reset STP instruction Timer 4 interrupt request FF16 HSYNC T34M5 Selection gate : Connected to black colored side at reset. 1/4096 T12M : Timer 12 mode register T34M : Timer 34 mode register |