| 전자부품 데이터시트 검색엔진 |
|
M37274EFSP 데이터시트(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37274EFSP 데이터시트(HTML) 39 Page - Renesas Technology Corp |
|
39 / 148 page ![]() 38 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER M37274EFSP PRELIMINARY Notice: This is not a final specification. Some paramentic limits are subject to change. MITSUBISHI MICROCOMPUTERS Figures 32 to 34 show the data slicer control registers. Fig. 32. Data Slicer Control Register 1 b7 b6 b5 b4 b3 b2 b1 b0 Data slicer control register 1(DSC1) [Address 00EA16] B Bit Functions After reset R W Data Slicer Control Register 1 0 0 RW 0 RW 0 RW Indeterminate R — 0 0: Data slicer stopped 1: Data slicer operating Data slicer control bit (DSC10) Fix these bits to “0.” 3, 4, 6 00 1, 2 Field to be sliced data selection bit (DSC11, DSC12) 5 Field determination flag (DSC15) Hsep Vsep Hsep Vsep 0 : 1 : Definition of fields 1 (F1) and 2 (F2) Hsep VSYNC Vsep F1 : Hsep VSYNC Vsep F2 : Field of main data slice line b2 b1 0 0 F2 0 1 F1 1 0 F1 and F2 1 1 F1 and F2 F2 F1 F2 F1 Field for setting refernce voltage 7 0: Data is not yet latched 1: Data is latched Data latch completion flag for caption data in main data slice line (DSC17) Indeterminate R W |