전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APW7136B 데이터시트(PDF) 5 Page - Anpec Electronics Coropration

부품명 APW7136B
상세설명  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136B 데이터시트(HTML) 5 Page - Anpec Electronics Coropration

  APW7136B Datasheet HTML 1Page - Anpec Electronics Coropration APW7136B Datasheet HTML 2Page - Anpec Electronics Coropration APW7136B Datasheet HTML 3Page - Anpec Electronics Coropration APW7136B Datasheet HTML 4Page - Anpec Electronics Coropration APW7136B Datasheet HTML 5Page - Anpec Electronics Coropration APW7136B Datasheet HTML 6Page - Anpec Electronics Coropration APW7136B Datasheet HTML 7Page - Anpec Electronics Coropration APW7136B Datasheet HTML 8Page - Anpec Electronics Coropration APW7136B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
5
Typical Operating Characteristics
Switching Frequency vs. Supply Voltage
Maximum Duty Cycle vs. Supply Voltage
(Refer to Figure 1 in the section “Typical Application Circuits”, V
IN=3.6V, TA=25
oC, 8WLEDs unless otherwise specified)
Supply Voltage, V
IN (V)
2.5
3
3.5
4
4.5
5
5.5
6
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Supply Voltage, V
IN (V)
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
6
Operating Waveforms
(Refer to the application circuit in the section “Typical Application Circuits”, V
IN=3.6V, TA=25
oC, 8WLEDs unless otherwise speci-
fied )
Start-up
CH1: V
EN, 2V/Div, DC
CH2: V
IN, 2V/Div, DC
CH3: V
OUT, 10V/Div, DC
CH4: I
L, 0.1A/Div, DC
Time: 1ms/Div
2
1
3
4
V
OUT
I
IN, 0.1A/Div
V
IN
V
EN
8WLEDs, L=22µH, V
IN=3.6V, ILED=20mA
CH1: V
EN, 2V/Div, DC
CH2: V
IN, 2V/Div, DC
CH3: V
OUT, 10V/Div, DC
CH4: I
L, 0.1A/Div, DC
Time: 1ms/Div
Start-up
2
1
3
4
V
OUT
I
IN, 0.1A/Div
V
IN
V
EN
6WLEDs, L=22µH, V
IN=3.6V, ILED=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com