| 전자부품 데이터시트 검색엔진 |
|
M61528FP 데이터시트(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M61528FP 데이터시트(HTML) 21 Page - Renesas Technology Corp |
|
21 / 31 page ![]() M61528FP Rev.1.1, Dec.17.2003, page 21 of 30 SLOT6(FRONT Rch high range) It’s initial setting when VCC turn on. FRONT High (f0) f0 D0 1 D1 0 18KHz 10KHz 8KHz 01 00 FRONT High (Q) Q D2 1 D3 1 1.0 0.8 0.6 0.4 10 01 00 FRONT High (Gv) Gv D4 D5 D6 D7 D8 +8.0dB +7.5dB 01 0 0 0 +7.0dB 00 1 1 1 +6.5dB 00 1 1 1 +6.0dB 00 1 1 0 +5.5dB 00 1 1 0 +5.0dB 00 1 0 1 +4.5dB 00 1 0 1 +4.0dB 00 1 0 0 +3.5dB 00 1 0 0 +3.0dB 00 0 1 1 +2.5dB 00 0 1 1 +2.0dB 00 0 1 0 +1.5dB 00 0 1 0 +1.0dB 00 0 0 1 +0.5dB 00 0 0 1 0dB 00 0 0 0 00 0 0 0 D9 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 -0.5dB -1.0dB -1.5dB 10 0 0 1 -2.0dB 10 0 0 1 -2.5dB 10 0 1 0 -3.0dB 10 0 1 0 -3.5dB 10 0 1 1 -4.0dB 10 0 1 1 -4.5dB 10 1 0 0 -5.0dB 10 1 0 0 -5.5dB 10 1 0 1 -6.0dB 10 1 0 1 -6.5dB 10 1 1 0 -7.0dB 10 1 1 0 -7.5dB 10 1 1 1 -8.0dB 10 1 1 1 11 0 0 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 10 0 0 0 1 |