| 전자부품 데이터시트 검색엔진 |
|
SH7147 데이터시트(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7147 데이터시트(HTML) 28 Page - Renesas Technology Corp |
|
28 / 1108 page ![]() Section 1 Overview Rev. 3.00 Oct. 06, 2008 Page 4 of 1080 REJ09B0230-0300 Items Specification On-chip ROM • 256 Kbytes/384 Kbytes/512 Kbytes (see the list in product lineup) On-chip RAM • 12 Kbytes/16 Kbytes (see the list in product lineup) Bus state controller (BSC) • Address space: A maximum 64 Mbytes for each of two areas (CS0 and CS1) • 8-bit external bus • The following features settable for each area independently ⎯ Number of access wait cycles ⎯ Idle wait cycle insertion ⎯ Supports SRAM • Outputs a chip select signal according to the target area Data transfer controller (DTC) • Data transfer activated by an on-chip peripheral module interrupt can be done independently of the CPU transfer. • Transfer mode selectable for each interrupt source (transfer mode is specified in memory) • Multiple data transfer enabled for one activation source • Various transfer modes Normal mode, repeat mode, or block transfer mode can be selected. • Data transfer size can be specified as byte, word, or longword • The interrupt that activated the DTC can be issued to the CPU. A CPU interrupt can be requested after one data transfer completion. • A CPU interrupt can be requested after all specified data transfer completion. Interrupt controller (INTC) • Five external interrupt pins (NMI and IRQ3 to IRQ0) • On-chip peripheral interrupts: Priority level set for each module • Vector addresses: A vector address for each interrupt source |