전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW9NA60 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STW9NA60
상세설명  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NA60 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STW9NA60 Datasheet HTML 2Page - STMicroelectronics STW9NA60 Datasheet HTML 3Page - STMicroelectronics STW9NA60 Datasheet HTML 4Page - STMicroelectronics STW9NA60 Datasheet HTML 5Page - STMicroelectronics STW9NA60 Datasheet HTML 6Page - STMicroelectronics STW9NA60 Datasheet HTML 7Page - STMicroelectronics STW9NA60 Datasheet HTML 8Page - STMicroelectronics STW9NA60 Datasheet HTML 9Page - STMicroelectronics STW9NA60 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
C
3.3
3.8
0.130
0.149
D
2.9
3.1
0.114
0.122
D1
1.88
2.08
0.074
0.081
E
0.75
1
0.029
0.039
F
1.05
1.25
0.041
0.049
G
10.8
11.2
0.425
0.441
H
15.8
16.2
0.622
0.637
L1
20.8
21.2
0.818
0.834
L2
19.1
19.9
0.752
0.783
L3
22.8
23.6
0.897
0.929
L4
40.5
42.5
1.594
1.673
L5
4.85
5.25
0.190
0.206
L6
20.25
20.75
0.797
0.817
M
3.5
3.7
0.137
0.145
N
2.1
2.3
0.082
0.090
U
4.6
0.181
L1
M
L6
12
3
L5
L4
N
L3
L2
P025C
ISOWATT218 MECHANICAL DATA
STW9NA60-STH9NA60FI
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10