| 전자부품 데이터시트 검색엔진 |
|
M32C/8A 데이터시트(PDF) 356 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A 데이터시트(HTML) 356 Page - Renesas Technology Corp |
|
356 / 372 page ![]() M32C/8A Group 24. Usage Notes Rev.1.00 Jul 15, 2007 Page 339 of 352 REJ09B0385-0100 Figure 24.3 Switching Procedure for INTi (i = 0 to 5) Interrupt Source Start INTiIC register: POL bit LVS bit = 0 IFSR register: IFSRi bit INTiIC register: bits ILVL2 to ILVL0 = 000b Interrupt disabled Select polarity (Set to 0 when both edges are selected) Select edge sensitive Select either one edge or both edge INTiIC register: IR bit = 0 Clear the interrupt request bit End < Procedure for Edge Sensitive > < Procedure for Level Sensitive > i = 0 to 5 Start INTiIC register: POL bit LVS bit = 1 IFSR register: IFSRi bit = 0 INTiIC register: bits ILVL2 to ILVL0 = 000b Interrupt disabled Select polarity Select level sensitive Select one edge End INTiIC register: bits ILVL2 to ILVL0 Interrupt enabled INTiIC register: IR bit = 0 Clear the interrupt request bit INTiIC register: bits ILVL2 to ILVL0 Interrupt enabled |