| 전자부품 데이터시트 검색엔진 |
|
38K2 데이터시트(PDF) 139 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 데이터시트(HTML) 139 Page - Renesas Technology Corp |
|
139 / 358 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 15, 2006 page 120 of 130 38K2 Group REJ09B0338-0200 HARDWARE qVersion Information Output Command This command outputs the version information of the control pro- gram stored in the Boot ROM area. Execute the version information output command as explained here following. (1) Transfer the “FB16” command code with the 1st byte. (2) The version information will be output from the 2nd byte on- ward. This data is composed of 8 ASCII code characters. Fig. 161 Timing for version information output FB16 ‘X’ ‘V’‘E’‘R’ SCLK RxD TxD SRDY (BUSY) qBoot ROM Area Output Command This command reads the control program stored in the Boot ROM area in page (256 bytes) unit. Execute the Boot ROM area output command as explained here following. (1) Transfer the “FC16” command code with the 1st byte. (2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively. (3) From the 4th byte onward, data (D0 to D7) for the page (256 bytes) specified with addresses A8 to A23 will be output se- quentially from the smallest address first synchronized with the fall of the clock. Fig. 162 Timing for Boot ROM area output FC16 A8 to A15 A16 to A23 data0 data255 SCLK RxD TxD SRDY (BUSY) |