| 전자부품 데이터시트 검색엔진 |
|
38K2 데이터시트(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 데이터시트(HTML) 140 Page - Renesas Technology Corp |
|
140 / 358 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 15, 2006 page 121 of 130 38K2 Group REJ09B0338-0200 HARDWARE qID Check This command checks the ID code. Execute the boot ID check command as explained here following. qID Code When the flash memory is not blank, the ID code sent from the se- rial programmer and the ID code written in the flash memory are compared to see if they match. If the codes do not match, the command sent from the serial programmer is not accepted. An ID code contains 8 bits of data. Area is, from the 1st byte, addresses FFD416 to FFDA16. Write a program into the flash memory, which already has the ID code set for these addresses. Fig. 163 Timing for ID check ID size ID1 ID7 F516 D416 FF16 0016 SCLK RxD TxD SRDY (BUSY) ROM code protect control ID7 ID6 ID5 ID4 ID3 ID2 ID1 FFDB16 FFDA16 FFD916 FFD816 FFD716 FFD616 FFD516 FFD416 Address Interrupt vector area Fig. 164 ID code storage addresses (1) Transfer the “F516” command code with the 1st byte. (2) Transfer addresses A0 to A7, A8 to A15 and A16 to A23 (“0016”) of the 1st byte of the ID code with the 2nd, 3rd and 4th respec- tively. (3) Transfer the number of data sets of the ID code with the 5th byte. (4) Transfer the ID code with the 6th byte onward, starting with the 1st byte of the code. |