| 전자부품 데이터시트 검색엔진 |
|
HD64F2149 데이터시트(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 데이터시트(HTML) 63 Page - Renesas Technology Corp |
|
63 / 1075 page ![]() Section 2 CPU Rev. 3.00 Jan 18, 2006 page 35 of 1044 REJ09B0280-0300 2.1.3 Differences from H8/300 CPU In comparison to the H8/300 CPU, the H8S/2000 CPU has the following enhancements. • More general registers and control registers Eight 16-bit extended registers, and one 8-bit control register, have been added. • Expanded address space Normal mode supports the same 64-kbyte address space as the H8/300 CPU. Advanced mode supports a maximum 16-Mbyte address space. • Enhanced addressing The addressing modes have been enhanced to make effective use of the 16-Mbyte address space. • Enhanced instructions Addressing modes of bit-manipulation instructions have been enhanced. Signed multiply and divide instructions have been added. Two-bit shift instructions have been added. Instructions for saving and restoring multiple registers have been added. A test and set instruction has been added. • Higher speed Basic instructions execute twice as fast. 2.1.4 Differences from H8/300H CPU In comparison to the H8/300H CPU, the H8S/2000 CPU has the following enhancements. • Additional control register One 8-bit control register has been added. • Enhanced instructions Addressing modes of bit-manipulation instructions have been enhanced. Two-bit shift instructions have been added. Instructions for saving and restoring multiple registers have been added. A test and set instruction has been added. • Higher speed Basic instructions execute twice as fast. |