| 전자부품 데이터시트 검색엔진 |
|
H8S2245 데이터시트(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 데이터시트(HTML) 17 Page - Renesas Technology Corp |
|
17 / 818 page ![]() Rev.3.00 Mar. 26, 2007 Page xvii of xlii REJ09B0355-0300 Item Page Revision (See Manual for Details) 12.2.7 Serial Status Register (SSR) 417 Bit 7 Transmit Data Register Empty (TDRE) Note * added [Clearing conditions] • When 0 is written to ... • When the DTC* is activated by a TXI interrupt and write data to TDR Note: * DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0. 418 Bit 6 Receive Data Register Full (RDRF) Note * added [Clearing conditions] • When 0 is written to ... • When the DTC* is activated by a RXI interrupt and write data to RDR Notes: RDR and the RDRF flag are not affected ... * DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0. 420 Bit 2 Transmit End (TEND) Note * added [Clearing conditions] • When 0 is written to ... • When the DTC* is activated by a TXI interrupt and write data to TDR Note: * DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0. |