전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD64F2134AV 데이터시트(PDF) 85 Page - Renesas Technology Corp

부품명 HD64F2134AV
상세설명  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2134AV 데이터시트(HTML) 85 Page - Renesas Technology Corp

Back Button HD64F2134AV Datasheet HTML 81Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 82Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 83Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 84Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 85Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 86Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 87Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 88Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1061 page
background image
Section 2 CPU
Rev. 4.00 Jun 06, 2006 page 31 of 1004
REJ09B0301-0400
Exception Vector Table and Memory Indirect Branch Addresses: In advanced mode the top
area starting at H'00000000 is allocated to the exception vector table in units of 32 bits. In each 32
bits, the upper 8 bits are ignored and a branch address is stored in the lower 24 bits (figure 2.4).
For details of the exception vector table, see section 4, Exception Handling.
H'00000000
H'00000003
H'00000004
H'0000000B
H'0000000C
Exception vector table
Reserved
Reset exception vector
(Reserved for system use)
Reserved
Exception vector 1
Reserved
H'00000010
H'00000008
H'00000007
Figure 2.4 Exception Vector Table (Advanced Mode)
The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions uses
an 8-bit absolute address included in the instruction code to specify a memory operand that
contains a branch address. In advanced mode the operand is a 32-bit longword operand, providing
a 32-bit branch address. The upper 8 bits of these 32 bits are a reserved area that is regarded as
H'00. Branch addresses can be stored in the area from H'00000000 to H'000000FF. Note that the
first part of this range is also the exception vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More