| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663 데이터시트(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 데이터시트(HTML) 48 Page - Renesas Technology Corp |
|
48 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xlviii of lii Table 10.8 TPSC2 to TPSC0 (Channel 2) .............................................................................. 507 Table 10.9 TPSC2 to TPSC0 (Channel 3) .............................................................................. 507 Table 10.10 TPSC2 to TPSC0 (Channel 4) .......................................................................... 508 Table 10.11 TPSC2 to TPSC0 (Channel 5) .......................................................................... 508 Table 10.12 MD3 to MD0 .................................................................................................... 510 Table 10.13 TIORH_0 .......................................................................................................... 512 Table 10.14 TIORL_0........................................................................................................... 513 Table 10.15 TIOR_1............................................................................................................. 514 Table 10.16 TIOR_2............................................................................................................. 515 Table 10.17 TIORH_3 .......................................................................................................... 516 Table 10.18 TIORL_3........................................................................................................... 517 Table 10.19 TIOR_4............................................................................................................. 518 Table 10.20 TIOR_5............................................................................................................. 519 Table 10.21 TIORH_0 .......................................................................................................... 520 Table 10.22 TIORL_0........................................................................................................... 521 Table 10.23 TIOR_1............................................................................................................. 522 Table 10.24 TIOR_2............................................................................................................. 523 Table 10.25 TIORH_3 .......................................................................................................... 524 Table 10.26 TIORL_3........................................................................................................... 525 Table 10.27 TIOR_4............................................................................................................. 526 Table 10.28 TIOR_5............................................................................................................. 527 Table 10.29 Register Combinations in Buffer Operation ..................................................... 545 Table 10.30 Cascaded Combinations.................................................................................... 549 Table 10.31 PWM Output Registers and Output Pins .......................................................... 552 Table 10.32 Clock Input Pins in Phase Counting Mode ....................................................... 556 Table 10.33 Up/Down-Count Conditions in Phase Counting Mode 1.................................. 558 Table 10.34 Up/Down-Count Conditions in Phase Counting Mode 2.................................. 559 Table 10.35 Up/Down-Count Conditions in Phase Counting Mode 3.................................. 560 Table 10.36 Up/Down-Count Conditions in Phase Counting Mode 4.................................. 561 Table 10.37 TPU Interrupts .................................................................................................. 563 Section 11 Programmable Pulse Generator (PPG) Table 11.1 Pin Configuration.................................................................................................. 584 Section 12 8-Bit Timers (TMR) Table 12.1 Pin Configuration.................................................................................................. 610 Table 12.2 Clock Input to TCNT and Count Condition (Units 0 and 1)................................. 617 Table 12.3 Clock Input to TCNT and Count Condition (Units 2 and 3)................................. 618 Table 12.4 8-Bit Timer (TMR_0 or TMR_1) Interrupt Sources (in Unit 0 and Unit 1) ......... 629 Table 12.5 8-Bit Timer (TMR_4 or TMR_5) Interrupt Sources (in Unit 2 and Unit 3) ......... 630 Table 12.6 Timer Output Priorities......................................................................................... 633 |