전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H8SX/1663 데이터시트(PDF) 1061 Page - Renesas Technology Corp

부품명 H8SX/1663
상세설명  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 데이터시트(HTML) 1061 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1057Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1062Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1063Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1064Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1065Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1061 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 1009 of 1102
REJ09B0294-0100
Register
Abbreviation
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
Module
IER1
—
—
—
—
—
EP3 TR
EP3 TS
VBUSF
USB
IER2
SSRSME
—
—
SURSE
CFDN
—
SETCE
SETIE
ISR0
BRST
EP1 FULL
EP2 TR
EP2 EMPTY
SETUP TS EP0o TS
EP0i TR
EP0i TS
ISR1
—
—
—
—
—
EP3 TR
EP3 TS
VBUSF
ISR2
—
—
—
SURSE
CFDN
—
SETCE
SETIE
EPDR0i
D7
D6
D5
D4
D3
D2
D1
D0
EPDR0o
D7
D6
D5
D4
D3
D2
D1
D0
EPDR0s
D7
D6
D5
D4
D3
D2
D1
D0
EPDR1
D7
D6
D5
D4
D3
D2
D1
D0
EPDR2
D7
D6
D5
D4
D3
D2
D1
D0
EPDR3
D7
D6
D5
D4
D3
D2
D1
D0
EPSZ0o
—
—
—
—
—
—
—
—
EPSZ1
—
—
—
—
—
—
—
—
DASTS
—
—
EP3 DE
EP2 DE
—
—
—
EP0i DE
FCLR
—
EP3 CLR
EP1 CLR
EP2 CLR
—
—
EP0o CLR
EP0i CLR
EPSTL
—
—
—
—
EP3STL
EP2STL
EP1STL
EP0STL
TRG
—
EP3 PKTE EP1 RDFN EP2 PKTE —
EP0s RDFN
EP0o RDFN
EP0i PKTE
DMA
—
—
—
—
—
PULLUP_E
EP2DMAE
EP1DMAE
CVR
CNFV1
CNFV0
INTV1
INTV0
—
ALTV2
ALTV1
ALTV0
CTLR
—
—
—
RWUPS
RSME
RWMD
ASCE
—
EPIR
D7
D6
D5
D4
D3
D2
D1
D0
TRNTREG0
PTSTE
—
—
—
SUSPEND txenl
txse0
txdata
TRNTREG1
—
—
—
—
—
xver_data
dpls
dmns
PMDDR
—
—
—
PM4DDR
PM3DDR
PM2DDR
PM1DDR
PM0DDR
I/O port
PMDR
—
—
—
PM4DR
PM3DR
PM2DR
PM1DR
PM0DR
PORTM
—
—
—
PM4
PM3
PM2
PM1
PM0
PMICR
—
—
—
PM4ICR
PM3ICR
PM2ICR
PM1ICR
PM0ICR
SMR_5*
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
SCI_5
(GM)
(BLK)
(PE)
(O/
E)
(BCP1)
(BCP0)
BRR_5
SCR_5*
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
TDR_5
SSR_5*
TDRE
RDRF
ORER
FER
PER
TEND
MPB
MPBT
(ERS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More