전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STX715 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STX715
상세설명  NPN MEDIUM POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX715 데이터시트(HTML) 3 Page - STMicroelectronics

  STX715 Datasheet HTML 1Page - STMicroelectronics STX715 Datasheet HTML 2Page - STMicroelectronics STX715 Datasheet HTML 3Page - STMicroelectronics STX715 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
D
4.45
4.95
0.175
0.194
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.095
0.105
e1
1.14
1.40
0.045
0.055
L
12.70
15.49
0.500
0.609
R
2.16
2.41
0.085
0.094
S1
1.14
1.52
0.045
0.059
W
0.41
0.56
0.016
0.022
V
4 degree
6 degree
4 degree
6 degree
TO-92 MECHANICAL DATA
STX715
3/4



Html Pages

1 2 3 4