| 전자부품 데이터시트 검색엔진 |
|
SH7101 데이터시트(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 데이터시트(HTML) 30 Page - Renesas Technology Corp |
|
30 / 560 page ![]() Rev.1.00 Sep. 18, 2008 Page xxx of xxxiv REJ09B0069-0100 Table 5.5 Reset Status ............................................................................................................ 63 Table 5.6 Bus Cycles and Address Errors .............................................................................. 65 Table 5.7 Interrupt Sources .................................................................................................... 66 Table 5.8 Interrupt Priority..................................................................................................... 67 Table 5.9 Types of Exceptions Triggered by Instructions...................................................... 68 Table 5.10 Generation of Exception Sources Immediately after a Delayed Branch Instruction or Interrupt-Disabled Instruction.......................................................... 69 Table 5.11 Stack Status after Exception Processing Ends........................................................ 70 Section 6 Interrupt Controller (INTC) Table 6.1 Pin Configuration ................................................................................................... 75 Table 6.2 Interrupt Exception Processing Vectors and Priorities........................................... 84 Table 6.3 Interrupt Response Time ........................................................................................ 90 Section 7 Bus State Controller (BSC) Table 7.1 Pin Configuration ................................................................................................... 95 Table 7.2 Address Map .......................................................................................................... 97 Table 7.3 Access to Internal I/O Registers ............................................................................. 113 Section 8 Multifunction Timer Pulse Unit (MTU) Table 8.1 MTU Functions ...................................................................................................... 116 Table 8.2 Pin Configuration ................................................................................................... 119 Table 8.3 CCLR0 to CCLR2 (Channels 0, 3, and 4).............................................................. 123 Table 8.4 CCLR0 to CCLR2 (Channels 1 and 2)................................................................... 123 Table 8.5 TPSC0 to TPSC2 (Channel 0)................................................................................ 124 Table 8.6 TPSC0 to TPSC2 (Channel 1)................................................................................ 124 Table 8.7 TPSC0 to TPSC2 (Channel 2)................................................................................ 125 Table 8.8 TPSC0 to TPSC2 (Channels 3 and 4)..................................................................... 125 Table 8.9 MD0 to MD3.......................................................................................................... 127 Table 8.10 TIORH_0 (Channel 0)............................................................................................ 129 Table 8.11 TIORH_0 (Channel 0)............................................................................................ 130 Table 8.12 TIORL_0 (Channel 0) ............................................................................................ 131 Table 8.13 TIORL_0 (Channel 0) ............................................................................................ 132 Table 8.14 TIOR_1 (Channel 1)............................................................................................... 133 Table 8.15 TIOR_1 (Channel 1)............................................................................................... 134 Table 8.16 TIOR_2 (Channel 2)............................................................................................... 135 Table 8.17 TIOR_2 (channel 2) ............................................................................................... 136 Table 8.18 TIORH_3 (Channel 3)............................................................................................ 137 Table 8.19 TIORH_3 (Channel 3)............................................................................................ 138 Table 8.20 TIORL_3 (Channel 3) ............................................................................................ 139 |