전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH7055S 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 SH7055S
상세설명  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  1002 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7055S 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button SH7055S Datasheet HTML 17Page - Renesas Technology Corp SH7055S Datasheet HTML 18Page - Renesas Technology Corp SH7055S Datasheet HTML 19Page - Renesas Technology Corp SH7055S Datasheet HTML 20Page - Renesas Technology Corp SH7055S Datasheet HTML 21Page - Renesas Technology Corp SH7055S Datasheet HTML 22Page - Renesas Technology Corp SH7055S Datasheet HTML 23Page - Renesas Technology Corp SH7055S Datasheet HTML 24Page - Renesas Technology Corp SH7055S Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1002 page
background image
Rev.2.0, 07/03, page xxi of xxxviii
Item
Page Revisions (See Manual for Details)
26.3.13 UBC Trigger Timing
Table 26.18 UBC Trigger Timing
903
Conditions amended
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V
±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V,
AV
ref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to
125
°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing on-chip flash
memory, T
a = –40°C to 85°C.
26.4 A/D Converter
Characteristics
Table 26.19 A/D Converter
Characteristics
905
Conditions and table amended
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V
±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V,
AV
ref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to
125
°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing on-chip flash
memory, T
a = –40°C to 85°C.
CSK = 0: fop = 10–20 MHz
CSK = 1: fop = 10 MHz
Item
Min
Typ
Max
Min
Typ
Max
Unit
Resolution
10
10
10
10
10
10
bit
A/D conversion time
——
13.3
——
13.4
µs
Analog input capacitance
——
20
——
20
pF
Permitted analog signal
source impedance
——
3
——
3k
Ω
±1.5*1
±1.5*1
Non-linear error
——
±2.5*2
——
±2.5*2
LSB
±1.5*1
±1.5*1
Offset error
——
±2.5*2
——
±2.5*2
LSB
±1.5*1
±1.5*1
Full-scale error
——
±2.5*2
——
±2.5*2
LSB
Quantization error
——
±0.5
——
±0.5
LSB
±2.0*1
±2.0*1
Absolute error
——
±2.5*2
——
±2.5*2
LSB
Note:
*1
Ta
≤105°°°°C
*2
Ta
>105°°°°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More