| 전자부품 데이터시트 검색엔진 |
|
32182 데이터시트(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32182 데이터시트(HTML) 14 Page - Renesas Technology Corp |
|
14 / 755 page ![]() (10) 21.3 Electrical Characteristics when VCCE = 5 V, f(XIN) = 8 MHz ------------------------------------------------ 21-7 21.3.1 Recommended Operating Conditions (when VCCE = 5 V, f(XIN) = 8 MHz) -------------------- 21-7 21.3.2 D.C. Characteristics (when VCCE = 5 V, f(XIN) = 8 MHz) ------------------------------------------- 21-9 21.3.3 A-D Conversion Characteristics (when VCCE = 5 V, f(XIN) = 8 MHz) ---------------------------- 21-10 21.4 Electrical Characteristics when VCCE = 3.3 V, f(XIN) = 10 MHz -------------------------------------------- 21-11 21.4.1 Recommended Operating Conditions (when VCCE = 3.3 V ± 0.3 V, f(XIN) = 10 MHz) ------ 21-11 21.4.2 D.C. Characteristics (when VCCE = 3.3 V ± 0.3 V, f(XIN) = 10 MHz) ---------------------------- 21-13 21.4.3 A-D Conversion Characteristics (when VCCE = 3.3 V ± 0.3 V, f(XIN) = 10 MHz) ------------- 21-14 21.5 Electrical Characteristics when VCCE = 3.3 V, f(XIN) = 8 MHz ---------------------------------------------- 21-15 21.5.1 Recommended Operating Conditions (when VCCE = 3.3 V ± 0.3 V f(XIN) = 8 MHz) -------- 21-15 21.5.2 D.C. Characteristics (when VCCE = 3.3 V ± 0.3 V, f(XIN) = 8 MHz) ------------------------------ 21-17 21.5.3 A-D Conversion Characteristics (when VCCE = 3.3 V ± 0.3 V, f(XIN) = 8 MHz) --------------- 21-18 21.6 Flash Memory Related Characteristics ----------------------------------------------------------------------------- 21-19 21.7 A.C. Characteristics (when VCCE = 5 V) -------------------------------------------------------------------------- 21-20 21.7.1 Timing Requirements ------------------------------------------------------------------------------------------ 21-20 21.7.2 Switching Characteristics ------------------------------------------------------------------------------------- 21-24 21.7.3 A.C. Characteristics -------------------------------------------------------------------------------------------- 21-27 21.8 A.C. Characteristics (when VCCE = 3.3 V) ----------------------------------------------------------------------- 21-36 21.8.1 Timing Requirements ------------------------------------------------------------------------------------------ 21-36 21.8.2 Switching Characteristics ------------------------------------------------------------------------------------- 21-40 21.8.3 A.C. Characteristics -------------------------------------------------------------------------------------------- 21-43 CHAPTER 22 TYPICAL CHARACTERISTICS To be written at a later time --------------------------------------------------------------------------------------------------- 22-2 APPENDIX 1 MECHANICAL SPECIFICAITONS Appendix 1.1 Dimensional Outline Drawing ------------------------------------------------------------------- Appendix 1-2 APPENDIX 2 INSTRUCTION PROCESSING TIME Appendix 2.1 32182 Instruction Processing Time ------------------------------------------------------------ Appendix 2-2 APPENDIX 3 PROCESSING OF UNUSED PINS Appendix 3.1 Example Processing of Unused Pins --------------------------------------------------------- Appendix 3-2 APPENDIX 4 SUMMARY OF PRECAUTIONS Appendix 4.1 Precautions about the CPU --------------------------------------------------------------------- Appendix 4-2 Appendix 4.1.1 Precautions Regarding Data Transfer ------------------------------------------------ Appendix 4-2 Appendix 4.2 Precautions about the Address Space ------------------------------------------------------- Appendix 4-3 Appendix 4.2.1 Virtual Flash Emulation Function ------------------------------------------------------- Appendix 4-3 Appendix 4.3 Precautions about EIT --------------------------------------------------------------------------- Appendix 4-3 Appendix 4.4 Precautions To Be Observed when Programming Internal Flash Memory --------- Appendix 4-3 Appendix 4.5 Precautions to Be Observed after Reset ---------------------------------------------------- Appendix 4-4 Appendix 4.5.1 Input/output Ports -------------------------------------------------------------------------- Appendix 4-4 |