| 전자부품 데이터시트 검색엔진 |
|
M38K02FD 데이터시트(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K02FD 데이터시트(HTML) 70 Page - Renesas Technology Corp |
|
70 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 53 of 112 38K0 Group REJ09B0337-0200 HARDWARE EXB Pin Assignment The external bus interface (EXB) pins are shown bellow. The 38K0 group can transmit/receive a data to/from an external MCU, using the following signals: •Control input signal ................ 4 (ExCS, ExA0, ExRD, ExWR) •Data input/output pin .............. 8 (DQ0 to DQ7) •Interrupt output signal ............ 1 (ExINT) Additionally, the DMA interface signal and the buffer status read select signal of 38K0 group can be set up per one by the program. •Control input signal ................ 3 (ExTC, ExDACK, ExRD, ExA1) •Interrupt output signal ............ 1 (ExDREQ) External chip select External address External read External write External data External interrupt DMA request Terminal count DMA acknowledge Status read select External pins CPU Multichannel RAM External bus interface (EXB) 38K0 group P34/ExCS [ L ] P37/ExA0 [address] P36/ExRD [ L ] P35/ExWR [ L ] P10/DQ0/AN0—P17/DQ7/AN7 [data] P33/ExINT [ L ] P40/ExDREQ/RxD [ L ] P42/ExTC/SCLK [L] P41/ExDACK/TxD [ L ] P43/ExA1/SRDY [H] 8 : Functions as normal ports just after reset. Fig. 75 External bus interface (EXB) pin assignment |