| 전자부품 데이터시트 검색엔진 |
|
STZTA92 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STZTA92 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() STZTA92 MEDIUM POWER AMPLIFIER ADVANCE DATA s SILICON EPITAXIAL PLANAR PNP TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s GENERAL PURPOSE MAINLY INTENDED FOR USE IN MEDIUM POWER INDUSTRIAL APPLICATION AND FOR AUDIO AMPLIFIER OUTPUT STAGE s NPN COMPLEMENT IS STZTA42 INTERNAL SCHEMATIC DIAGRAM October 1995 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -300 V VCEO Collector-Emitter Voltage (IB = 0) -300 V VEBO Emitter-Base Voltage (IC = 0) -5 V IC Collector Current -0.1 A ICM Collector Peak Current -0.3 A Ptot Total Dissipation at Tc = 25 o C2 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 2 3 SOT-223 1/4 |
유사한 부품 번호 - STZTA92 |
|
유사한 설명 - STZTA92 |