| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 117 Page - Renesas Technology Corp |
|
117 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 100 of 112 38K0 Group REJ09B0337-0200 HARDWARE qErase All Blocks Command This command erases the contents of all blocks. Execute the erase all blocks command as explained here following. (1) Transfer the “A716” command code with the 1st byte. (2) Transfer the verify command code “D016” with the 2nd byte. With the verify command code, the erase operation will start and continue for all blocks in the flash memory. When erase all blocks end, the SRDY (BUSY) signal changes from “H” to “L” level. The result of the erase operation can be known by reading the status register. A716 D016 SCLK RxD TxD SRDY (BUSY) Fig. 129 Timing for erase all blocks |