| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 134 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 134 Page - Renesas Technology Corp |
|
134 / 328 page ![]() 2.1 I/O port Rev.2.00 Oct 05, 2006 page 5 of 111 38K0 Group REJ09B0337-0200 APPLICATION 2.1.3 Handling of unused pins Table 2.1.1 Handling of unused pins Pins/Ports name P0, P1, P2, P3, P4, P5, P6 VREF XOUT USBVREF TrON D0+, D0- Handling •Set to the input mode and connect each to Vcc or Vss through a resistor of 1 k Ω to 10 k Ω. •Set to the output mode and open at “L” or “H” level. •Connect to Vss (GND). •Open, only when using an external clock. •Connect to VCC •Open •Connect each to Vss through a resistor of 1 k Ω to 10 kΩ. |